Part Number Hot Search : 
2SC3567 L6563 TC9210P 2N6290 BC856AW W27LE520 BCW60CL GT2623
Product Description
Full Text Search
 

To Download BZX84C4V3S-7-F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Lead-free
BZX84C2V4S - BZX84C39S
DUAL 200mW SURFACE MOUNT ZENER DIODE
Features
* * * * *
Planar Die Construction 200mW Power Dissipation Zener Voltages from 2.4V - 39V Ultra-Small Surface Mount Package Lead Free/RoHS Compliant (Note 5)
G H K M BC A
SOT-363 Dim A B C D F H J K L M a Min 0.10 1.15 2.00 0.30 1.80 3/4 0.90 0.25 0.10 0 Max 0.30 1.35 2.20 0.40 2.20 0.10 1.00 0.40 0.25 8
Mechanical Data
* * * * * * * *
Case: SOT-363 Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 Moisture Sensitivity: Level 1 per J-STD-020C Terminals: Solderable per MIL-STD-202, Method 208 Lead Free Plating (Matte Tin Finish annealed over Alloy 42 leadframe). Polarity: See Diagram Marking: See Table page 2 Weight: 0.006 grams (approximate)
NC C1
0.65 Nominal
J
A1
D
NC
F
L
A2
C2
All Dimensions in mm
Maximum Ratings
Forward Voltage Power Dissipation (Note 1)
@ TA = 25C unless otherwise specified Symbol @ IF = 10mA VF Pd RqJA Tj, TSTG Value 0.9 200 625 -65 to +150 Unit V mW C/W C
Characteristic
Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temperature Range
Ordering Information
Device
(Note 4) Packaging SOT-363 Shipping 3000/Tape & Reel
(Type Number)-7-F
* Add "-7-F" to the appropriate type number in Table 1 from Sheet 2 example: 6.2V Zener = BZX84C6V2S-7-F. Notes: 1. Mounted on FR4 PC Board with recommended pad layout which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. Short duration test pulse used to minimize self-heating effect. 3. f = 1KHz. 4. For Packaging Details, got to our website at http://www.diodes.com/datasheets/ap02007.pdf. 5. No purposefully added lead.
DS30108 Rev. 13 - 2
1 of 3 www.diodes.com
BZX84C2V4S - BZX84C39S
a Diodes Incorporated
Electrical Characteristics
Type Number Marking Code Nom (V) BZX84C2V4S BZX84C2V7S BZX84C3V0S BZX84C3V3S BZX84C3V6S BZX84C3V9S BZX84C4V3S BZX84C4V7S BZX84C5V1S BZX84C5V6S BZX84C6V2S BZX84C6V8S BZX84C7V5S BZX84C8V2S BZX84C9V1S BZX84C10S BZX84C11S BZX84C12S BZX84C13S BZX84C15S BZX84C16S BZX84C18S BZX84C20S BZX84C22S BZX84C24S BZX84C27S BZX84C30S BZX84C33S BZX84C36S BZX84C39S
Notes:
@ TA = 25C unless otherwise specified Maximum Zener Impedance (Note 7) IZT Max (V) 2.6 2.9 3.2 3.5 3.8 4.1 4.6 5.0 5.4 6.0 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.6 28.9 32.0 35.0 38.0 41.0 mA 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 2.0 2.0 2.0 2.0 2.0 ZZT @ IZT W 100 100 95 95 90 90 90 80 60 40 10 15 15 15 15 20 20 25 30 30 40 45 55 55 70 80 80 80 90 130 ZZK @ IZK W 600 600 600 600 600 600 600 500 480 400 150 80 80 80 100 150 150 150 170 200 200 225 225 250 250 300 300 325 350 350 IZK mA 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 Temperature Maximum Reverse Current Coefficient of Zener Voltage (Note 6) @ IZT = 5mA VR IR mV/C uA 50 20 10 5.0 5.0 3.0 3.0 3.0 2.0 1.0 3.0 2.0 1.0 0.7 0.5 0.2 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 V 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 2.0 4.0 4.0 5.0 5.0 6.0 7.0 8.0 8.0 8.0 10.5 11.2 12.6 14.0 15.4 16.8 18.9 21.0 23.1 25.2 27.3 Min -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -2.7 -2.0 0.4 1.2 2.5 3.2 3.8 4.5 5.4 6.0 7.0 9.2 10.4 12.4 14.4 16.4 18.4 21.4 24.4 27.4 30.4 33.4 Max 0 0 0 0 0 0 0 0.2 1.2 -2.5 3.7 4.5 5.3 6.2 7.0 8.0 9.0 10.0 11.0 13.0 14.0 16.0 18.0 20.0 22.0 25.3 29.4 33.4 37.4 41.2
Zener Voltage Range (Note 6) VZ @ IZT Min (V) 2.2 2.5 2.8 3.1 3.4 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28.0 31.0 34.0 37.0 2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39
KZB KZC KZD KZE KZF KZG KZH KZ1 KZ2 KZ3 KZ4 KZ5 KZ6 KZ7 KZ8 KZ9 KY1 KY2 KY3 KY4 KY5 KY6 KY7 KY8 KY9 KYA KYB KYC KYD KYE
6. Short duration test pulse used to minimize self-heating effect. 7. f = 1KHz.
Marking Information
KXX = Product Type Marking Code YM = Date Code Marking Y = Year ex: N = 2002 M = Month ex: 9 = September
Date Code Key Year Code Month Code Jan 1 Feb 2 March 3 2002 N Apr 4 2003 P May 5 2004 R Jun 6 Jul 7 2005 S Aug 8 2006 T Sep 9 2007 U Oct O 2008 V Nov N 2009 W Dec D
DS30108 Rev.13 - 2
KXX YM KXX YM
2 of 3 www.diodes.com
BZX84C2V4S - BZX84C39S
300
See Note 1
50
Tj = 25C
C2V7
C3V9
C5V6 C6V8
C3V3
C4V7
PD, POWER DISSIPATION (mW)
40 IZ, ZENER CURRENT (mA)
C8V2
200
30
20
100
10
Test Current IZ 5.0mA
0 0 100 TA, AMBIENT TEMPERATURE, (C) Fig. 1. Power Derating Curve 200
0 0 1 3 4 5 6 8 9 7 VZ, ZENER VOLTAGE (V) Fig. 2 Zener Breakdown Characteristics 2 10
30
Tj = 25C
C10 C12
1000
Tj = 25 C
IZ, ZENER CURRENT (mA)
CT, TOTAL CAPACITANCE (pF)
VR = 1V VR = 2V
20
C15
100
VR = 1V
C18 Test current IZ 2mA
10
Test current IZ 5mA
C22 C27 C33 C36 C39
VR = 2V
10 1 10 100
0 0 10 20 30 VZ, ZENER VOLTAGE (V) Fig. 3, Zener Breakdown Characteristics 40
VZ, NOMINAL ZENER VOLTAGE (V) Fig. 4. Total Capacitance vs Nominal Zener Voltage
IMPORTANT NOTICE Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website, harmless against all damages. LIFE SUPPORT Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written approval of the President of Diodes Incorporated.
DS30108 Rev. 13 - 2
3 of 3 www.diodes.com
BZX84C2V4S - BZX84C39S


▲Up To Search▲   

 
Price & Availability of BZX84C4V3S-7-F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X